Part Number Hot Search : 
EP100 ONTROL NCP5392T Q6700 6TPB100M SMBJ24DC SB160 I08CN10N
Product Description
Full Text Search
 

To Download STB80NF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB80NF10 STP80NF10
N-channel 100 V, 0.012 80 A, TO-220, D2PAK , low gate charge STripFETTM II Power MOSFET
Features
Type STP80NF10 STB80NF10

VDSS 100 V 100 V
RDS(on) max < 0.015 < 0.015
ID 80 A 80 A
3 1 2
Exceptional dv/dt capability 100% Avalanche tested Application oriented characterization
TO-220
3 1
DPAK
Applications
Switching applications Figure 1. Internal schematic diagram
Description
This Power MOSFET series realized with STMicroelectronics unique STripFET process has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced highefficiency isolated DC-DC converters for telecom and computer application. It is also intended for any application with low gate charge drive requirements.
Table 1.
Device summary
Marking P80NF10@ B80NF10@ Package TO-220 DPAK Packaging Tube Tape and reel
Order codes STP80NF10 STB80NF10T4
April 2009
Doc ID 6958 Rev 18
1/14
www.st.com 14
Contents
STB80NF10, STP80NF10
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 5
3 4 5 6
Test circuit
................................................ 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2/14
Doc ID 6958 Rev 18
STB80NF10, STP80NF10
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VDS VGS ID(1) ID (1) IDM
(2)
Absolute maximum ratings
Parameter Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Derating factor Value 100 20 80 80 320 300 2 7 350 -55 to 175 Unit V V A A A W W/C V/ns mJ C
PTOT dv/dt (3) EAS(4) Tstg Tj
Peak diode recovery voltage slope Single pulse avalanche energy Storage temperature Operating junction temperature
1. Limited by package 2. Pulse width limited by safe operating area 3. ISD < 80 A, di/dt < 300 A/s, VDD= 80% V(BR)DSS 4. Starting Tj = 25 C, ID = 40 A, VDD = 50 V
Table 3.
Symbol Rthj-case Rthj-amb Tl
Thermal resistance
Parameter Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose Value 0.5 62.5 300 Unit C/W C/W C
Doc ID 6958 Rev 18
3/14
Electrical characteristics
STB80NF10, STP80NF10
2
Electrical characteristics
(TCASE=25 C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250 A, VGS = 0 VDS = Max rating VDS = Max rating @125C VGS = 20 V VDS = VGS, ID = 250 A VGS = 10 V, ID = 40 A 2 3 0.012 Min. 100 500 10 100 4 0.015 Typ. Max. Unit V nA A nA V
Table 5.
Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 25 V , ID =40 A VDS = 25 V, f = 1 MHz, VGS = 0 Min. Typ. 50 5500 700 175 135 23 51.3 182 Max. Unit S pF pF pF nC nC nC
-
VDD = 50 V, ID = 80 A, VGS = 10 V
-
1. Pulsed: pulse duration = 300 s, duty cycle 1.5%
Table 6.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off-delay time Fall time Test conditions VDD = 50 V, ID= 40 A, RG = 4.7 , VGS=10 V (see Figure 15) Min. Typ. 26 80 116 60 Max. Unit ns ns ns ns
-
-
4/14
Doc ID 6958 Rev 18
STB80NF10, STP80NF10
Electrical characteristics
Table 7.
Symbol ISD ISDM VSD
(1) (2)
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 80 A, VGS = 0 ISD=80 A, VDD = 50 V di/dt = 100 A/s, Tj=150 C Test conditions Min. 106 450 8.5 Typ. Max 80 320 1.3 Unit A A V ns nC A
trr Qrr IRRM
1. Pulse width limited by safe operating area 2. Pulse duration=300s, duty cycle 1.5%
Doc ID 6958 Rev 18
5/14
Electrical characteristics
STB80NF10, STP80NF10
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area Figure 3. Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Transconductance
Figure 7.
Static drain-source on resistance
6/14
Doc ID 6958 Rev 18
STB80NF10, STP80NF10 Figure 8. Gate charge vs. gate-source voltage Figure 9.
Electrical characteristics Capacitance variations
Figure 10. Normalized gate threshold voltage vs. temperature
Figure 11. Normalized on resistance vs. temperature
Figure 12. Source-drain diode forward characteristics
Doc ID 6958 Rev 18
7/14
Test circuits
STB80NF10, STP80NF10
3
Test circuits
Figure 14. Gate charge test circuit
VDD 12V
2200
Figure 13. Switching times test circuit for resistive load
47k 100nF
1k
RL VGS VD RG PW D.U.T.
F
3.3 F
VDD Vi=20V=VGMAX
2200 F
IG=CONST 100 2.7k 47k PW 1k
AM01469v1
D.U.T. VG
AM01468v1
Figure 15. Test circuit for inductive load Figure 16. Unclamped inductive load test switching and diode recovery times circuit
A D G S B 25 D.U.T.
A FAST DIODE B
A L=100H B D G 3.3 F 1000 F
L
VD
2200 F
3.3 F
VDD
VDD
ID
RG
S
Vi
D.U.T.
Pw
AM01470v1 AM01471v1
Figure 17. Unclamped inductive waveform
V(BR)DSS VD
Figure 18. Switching time waveform
ton tdon tr toff tdoff tf
90% IDM
90% 10%
ID VDD VDD
0
10%
VDS 90%
VGS
AM01472v1
0
10%
AM01473v1
8/14
Doc ID 6958 Rev 18
STB80NF10, STP80NF10
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark.
Doc ID 6958 Rev 18
9/14
Package mechanical data
STB80NF10, STP80NF10
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
10/14
Doc ID 6958 Rev 18
STB80NF10, STP80NF10
Package mechanical data
DPAK (TO-263) mechanical data
mm Dim Min A A1 b b2 c c2 D D1 E E1 e e1 H J1 L L1 L2 R V2 4.40 0.03 0.70 1.14 0.45 1.23 8.95 7.50 10 8.50 2.54 4.88 15 2.49 2.29 1.27 1.30 0.4 0 8 0 5.28 15.85 2.69 2.79 1.40 1.75 0.192 0.590 0.099 0.090 0.05 0.051 Typ Max 4.60 0.23 0.93 1.70 0.60 1.36 9.35 10.40 Min 0.173 0.001 0.027 0.045 0.017 0.048 0.352 0.295 0.394 0.334
inch Typ Max 0.181 0.009 0.037 0.067 0.024 0.053 0.368 0.409 0.1 0.208 0.624 0.106 0.110 0.055 0.069 0.016 8
0079457_M
Doc ID 6958 Rev 18
11/14
Packaging mechanical data
STB80NF10, STP80NF10
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
12/14
Doc ID 6958 Rev 18
STB80NF10, STP80NF10
Revision history
6
Revision history
Table 8.
Date 04-Nov-2003 13-Dec-2004 16-Dec-2004 27-Jan-2005 22-Feb-2005 28-Feb-2005 01-Mar-2005 06-Apr-2006 25-Jan-2007 17-Nov-2008 15-Apr-2009
Document revision history
Revision 8 9 10 11 12 13 14 15 16 17 18 Changes New datasheet according to PCN DSG-TRA/03/382 DPAK inserted @ inserted in table 2 for TO-220 marking New value in table 3 Id value changed New value in table 3 Vgs value changed The document has been reformatted Typo mistake on page 1 (order codes) EAS value has been updated IDSS value changed in Table 4: On/off states
Doc ID 6958 Rev 18
13/14
STB80NF10, STP80NF10
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2009 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14
Doc ID 6958 Rev 18


▲Up To Search▲   

 
Price & Availability of STB80NF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X